Part Number Hot Search : 
EA1532AT FAN5071 DBUR0520 2N5551 V470M MJE2003 WR10K S87C51FB
Product Description
Full Text Search
 

To Download SK2C0A-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? sk2c0a ? www.goodark.com ??????????????????????????????? 1 ? / ? 3 ? ????????????????????????? rev.1 ? ? surface mount schottky barrier rectifier features ? ideal for automated placement ? low forward voltage drop ? low leakage current ? meets environmental standard mil-s-19500d ? moisture sensitivity:level 1, per j-std-020 ? solder dip 275 c, 10 s ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in general purpose rectification of light ing, power supplies, inverters, converters and freewheeling diodes for consumer, automotive and telecommunication. mechanical data case: do-214ac, molded epoxy body  epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22b-106 polarity: laser band denotes cathode band maximum ratings (t a = 25 c unless otherwise noted) parameter symbol sk2c0a unit maximum repetitive peak reverse voltage v rrm 200 v maximum rms voltage v rms 140 v maximum dc blocking voltage v dc 200 v maximum average forward rectified current at tl (see fig.1) i f(av) 2 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 45 a operating junction temperature range t j - 55 to + 150 c storage temperature range tstg - 55 to + 150 c primary characteristics i f(av) 2 a v rrm 200 v i fsm 45a v f 0.85v t j max. 150 c ? do \ 214ac  sma  ?
? ? sk2c0a ? www.goodark.com ??????????????????????????????? 2 ? / ? 3 ? ????????????????????????? rev.1 ? ? electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol sk2c0a unit maximum instantaneous forward voltage if=0.5a if=1 a if=2 a v f 0.75 0.80 0.85 v maximum dc reverse current at rated dc blocking voltage ta=25 i r 100 ua ta=125 500 typical junction capacitance 4.0 v, 1 mhz c j 39 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol sk2c0a unit typical thermal resistance r ja (1) 80 c/w r jt (2) 25 ratings and characteristics curves (t a = 25 c unless otherwise noted) notes : (1) thermal resistance from junction to ambient,0.197 ? 0.197 g  5.0 ? 5.0mm  copper pads to each terminal (2) thermal resistance from junction to terminal, 0.197 ? 0.197 g  5.0 ? 5.0mm  copper pads to each terminal figure ? 1. ? forward ? current ? derating ? curve figure ? 2.maximum ? non \ repetitive ? peak ? forward ? surge ? current ?? figure ? 3. ? typical ? instantaneous ? forward ? characteristics ? figure ? 4. ? typical ? reverse ? characteristics ??
? ? sk2c0a ? www.goodark.com ??????????????????????????????? 3 ? / ? 3 ? ????????????????????????? rev.1 ? ? package outline dimensions in inches (millimeters) figure ? 5. ? typical ? junction ? capacitance ?


▲Up To Search▲   

 
Price & Availability of SK2C0A-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X